PART |
Description |
Maker |
CE22A-1.00 CE22E-1.00 CO21Q-1.00 CO21Q-1.00-T CO21 |
Model 7020 Digital I/O Card w/ 40 Inputs, 40 Outputs and Mass-Terminated 96-Pin Connector (for Models 7001 and 7002) Model 7035 9-Bank, 1x4 Mux Card (for Models 7001 and 7002) Model 7038 75 Ohm, 2GHz Mux Card (for Models 7001 and 7002) Model 7065 Hall Effect Card (for Models 7001 and 7002) Crystal Oscillator 晶体振荡 Model 3750-ST Screw Terminal Block 晶体振荡
|
SCHURTER AG HIROSE ELECTRIC Co., Ltd. Honeywell International, Inc. Microchip Technology, Inc.
|
16-02-0117 70021-0225 0016020117 |
SL?/a> Crimp Terminal, Series 70021, Male, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL Crimp Terminal, Series 70021, Male, with 0.76μm (30μ) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag SL垄芒 Crimp Terminal, Series 70021, Male, with 0.76楼矛m (30楼矛) Selective Gold (Au) Plated Contact, 22-24 AWG, Bag
|
Molex Electronics Ltd.
|
P-XC-111 QRP-8P-C QR_P-12P-C QR_P-12P-C01 QR_P-12S |
TL Series Toggle Switch, 1 pole, 3 position, Screw terminal, Locking Lever, Military Part Number MS24658-21M QR/P SERIES PLUG-IN CRIMP CONNECTORS 名册/ P系列插入式压接连接器
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. http:// HIROSE ELECTRIC Co., Ltd.
|
08-65-0118 000850-0116 0008-50-0116 08-58-0127 000 |
TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED KK 156 TERMINAL CRIMP 18-20 AWG GOLD PHOSPHOR BRONZE, WIRE TERMINAL KK 156 TERMINAL CRIMP 18-20 AWG GOLD PHOSPHOR BRONZE, GOLD (15) FINISH, WIRE TERMINAL
|
Molex Electronics Ltd. Molex, Inc.
|
09-50-3036 09-50-3037 09-50-3041 09-50-3051 09-50- |
CONNECTOR HOUSING .156 CL CRIMP TERMINAL 2139 SERIES DWG
|
Molex Electronics Ltd.
|
39-00-0220 39-00-0222 39-00-0054 |
Crimp Pin Contact; Wire Size (AWG):24-18; Body Material:Phosphor Bronze; Series:5558; Operating Temp. Min:-40 C; Pitch Spacing:4.2mm; Voltage Rating:600V PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Multipole Connector; Body Material:PA Polyamide (Nylon) 6/2; Connecting Termination:Crimp; Operating Voltage:250V; Pitch Spacing:0.062" RoHS Compliant: Yes PHOSPHOR BRONZE, GOLD (30) OVER NICKEL FINISH, WIRE TERMINAL Connector Contact,PIN,CRIMP Terminal
|
Molex, Inc. MOLEX INC
|
16-02-0105 0016020105 |
SL?/a> Crimp Terminal, Series 70021, Male, with Tin (Sn) Plated Contact, 24-30 AWG, Reel SL Crimp Terminal, Series 70021, Male, with Tin (Sn) Plated Contact, 24-30 AWG, Reel
|
Molex Electronics Ltd.
|
5394PT2 39-00-0235 0039000235 |
2.50mm (.098") Pitch Board-In Crimp Terminal, 5394 Series, Chain, for 5395-N Housing 2.50mm (.098) Pitch Board-In Crimp Terminal, 5394 Series, Chain, for 5395-N Housing
|
Molex Electronics Ltd.
|
0002092101 02-09-2101 1190 |
2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel 2.36mm (.093) Diameter, Standard .093 Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel 2.36mm (.093") Diameter, Standard .093" Pin and Socket Crimp Terminal, Series 1190, Male, with Tin (Sn) Plated Brass Contact, 14-20 AWG, Reel MOLEX Connector
|
Molex Electronics Ltd.
|
16-02-0077 70021-0006 0016020077 |
SL Crimp Terminal, Series 70021, Male, with 0.38μm (15μ) Selective Gold (Au) Plated Contact, 24-30 AWG, Reel
|
Molex Electronics Ltd.
|
|